Part Number Hot Search : 
101KD SDR950 TC1031 MC9S08 B2HKF PC923 GI1102 G13JHC
Product Description
Full Text Search
 

To Download ASD15-12D12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I s o l a t e d a n d R e gulated 15 WATT Modular DC/DC Converters
Wide 4 : 1 Input Range High Efficiency Regulated Outputs 1500V Isolation Full EMI Shielding
Unit measures 1.6"W x 2"L x 0.375"H
asd15
series
Standard Pinouts
Model Number
sINGLE OUTPUT ASD15-12S3 ASD15-48S3 ASD15-12S5 ASD15-48S5 ASD15-12S12 ASD15-48S12 ASD15-12S15 ASD15-48S15 dUaL OUTPUT ASD15-12D5 ASD15-48D5 ASD15-12D12 ASD15-48D12 ASD15-12D15 ASD15-48D15
Output Voltage
Output amps
Input Range
3.3 VDC 5 VDC 12 VDC 15 VDC
3.75 3.75 3 3 1.25 1.25 1 1 +/-1.5 +/-1.5 +/-0.62 +/-0.62 +/-0.5 +/-0.5
9-18VDC 20-75VDC 9-18VDC 20-75VDC 9-18VDC 20-75VDC 9-18VDC 20-75VDC 9-18VDC 20-75VDC 9-18VDC 20-75VDC 9-18VDC 20-75VDC
+/-5 VDC +/-12 VDC +/-15 VDC
WWW.asTROdYNE.COM
asTROdYNE Usa: 1-800-823-8082 asTROdYNE PaCIFIC: 886-2-26983458 asTROdYNE EUROPE: 353 51 561060
I s o l a t e d a n d R e gulated 15 WATT Modular DC/DC Converters
INPUT sPECIFICaTIONs
Input Voltage, Nominal Input Voltage Ranges Input Surge Voltage 12VDC 9-18 50V (12V Models), * 100V (48V Models), * 10 mS duration, min. 48VDC 20-75 VDC
asd15
(Ref to - Input pin) Logic "1"/Open=ON Logic "0"/GND=OFF 15mA 1500VDC (48V) 500 VDC (12V) 1000 pF 82%, typ 450Khz
series
GENERaL sPECIFICaTIONs
On/Off Control
Shutdown Idle Current Input-Out Isolation In/Out Capacitance Efficiency Switching Frequency
OUTPUT sPECIFICaTIONs
Voltage and Current Load Regulation 20% - FL Line Regulation Trim Range Temperature Coefficient Ripple/Noise(Single/Dual) Overvoltage Protection Voltage Stability Transient Response Short Circuit Protection See Selection Chart singles: +/- 0.5% duals: +/-1%, +/-3% (5V mod) singles: +/- 0.5% duals: +/- 1% 0.5V min, 0.65V typ +/-0.01%/C 100mV Pk-Pk, typ Clamp, 130-150% * +/- 0.05%, max +/- 2%, max Continuous, self-recovering
ENVIRONMENTaL sPECIFICaTIONs
Oper. Temperature Storage Temperature Maximum Case Temp Input Fusing MTBF Shock/Vibration -25 to +71C(FL) -40 to +125C * 110C * 12V: 4A, 48V: 2A 1,000,000 Hrs Mil Std 217, 25C To MIL-STD 810C
PHYsICaL sPECIFICaTIONs
Case Material Construction Weight Aluminum Fully Encapsulated 1.6 oz, (40g)
All specifications are typical at nominal input, full load, and 25C unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.asTROdYNE.COM
asTROdYNE Usa: 1-800-823-8082 asTROdYNE PaCIFIC: 886-2-26983458 asTROdYNE EUROPE: 353 51 561060
I s o l a t e d a n d R e gulated 15 WATT Modular DC/DC Converters
MECHaNICaL dIMENsIONs
.375 (9.52) .031 (0.80)
asd15
single Outputs
+ Input - Input No Pin Control No Pin + Output Out. Ret. Trim
series
Pin #
1 2 3 4 5 6 7 8
dual Outputs
+ Input - Input No Pin Control + Output Out. Ret. - Output Trim
SQ. .12 (3.05)
DIMENSION=
INCH (mm)
5
1.20 (30.48)
6
1.60 (40.64) .60 (15.24) .40 (10.16)
1 2 7
.80 (20.32)
4
.40 (10.16) BOTTOM VIEW
8
.30 (7.62)
.10 (2.54) 1.80 (45.72) 2.00 (50.80)
.20 (5.08)
OUTPUT dERaTING CURVE
16 14 12 Output Power, Watts 10 8 6 4 2 0 -25 -20 -10 0 10 20 30 40 50 60 Ambient Temp, C 70 80 90
WWW.asTROdYNE.COM
asTROdYNE Usa: 1-800-823-8082 asTROdYNE PaCIFIC: 886-2-26983458 asTROdYNE EUROPE: 353 51 561060


▲Up To Search▲   

 
Price & Availability of ASD15-12D12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X